Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download MAMO-000900-1291MB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Features
* * * * * * * Excellent Carrier Suppression ~40 dBc 6.0 dB Typical Modulator Conversion Loss +10 to +14 dBm LO Drive High 3x1 and 5x1 Harmonic Suppression No External Matching Required Low Cost Miniature Plastic MLP Package Lead Free and RoHS Compliant Rev. V4
MLP 6mm Package Circuit Side View
P IN 28
PI N Q
P IN 2 2
P IN 1
P I N 21
PIN L O
Description and Application
M/A-COM's MAMO-000900-1291MT is a silicon monolithic 850-960 MHz, medium barrier, I/Q Modulator/Demodulator. Encapsulated in a low cost, miniature surface mount PQFN 6mm square, 28lead plastic package the die utilizes M/A-COM's unique HMIC silicon/glass process. This process enables the realization of low loss passive elements and efficient diode technology which in turn provides excellent harmonic suppression. In addition, the incorporated monolithic design techniques provide unparalleled amplitude and phase imbalance performance during demodulation thus adding to the unit's overall versatility. These modulators/demodulators are well suited for GSM and CDMA Cellular basestation applications, as well as most RFID systems, particularly where small size and high performance are required. Typical applications include quadrature modulation requirements in wireless receivers and transmitters.
P IN 7
PIN 29 AREA GND
P IN RF
P I N 15
PI N 8
PI N I
P IN 14
PIN Configuration3
PIN 1 2 3 4 5 6 7 8 9 10 11 Function GND GND GND LO GND GND GND GND GND GND I GND GND GND PIN 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Function GND GND GND RF GND GND GND GND GND GND Q GND GND GND
Absolute Maximum Ratings1,2
Parameter
Operating Temperature Storage Temperature Incident LO Power Incident RF Power
12 13 14 3.
Maximum Ratings
-40 C to +85 C -65 C to +150 C +20 dBm C.W. +20 dBm C.W.
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages)
Ordering Information
Part Number
MAMO-000900-1291MT MAMO-000900-1291MB
Package
Tape and Reel Sample Test Board
1. Exceeding these limits may cause permanent damage. 2. M/A-COM does not recommend sustained operation near these survivability limits. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Electrical Specifications (Modulator): TA = 25C, Z0 = 50
Parameter Output Power Frequency Range 900 MHz 850-960 MHz 850-960 MHz Test Conditions LO Drive = +12 dBm I/Q = -7 dBm, I/Q = 400 kHz FRF = FLO - 0.4 MHz LO Drive = +12 dBm I/Q = -7 dBm, I/Q = 400 kHz FRF = FLO - 0.4 MHz LO Drive = +12 dBm I/Q = -7 dBm, I/Q = 400 kHz FRF = FLO + 0.4 MHz LO Drive = +12 dBm I/Q = -7 dBm, I/Q = 400 kHz FRF = FLO + 1.2 MHz LO Drive = +12 dBm I/Q = -7 dBm, I/Q = 400 kHz FRF = FLO + 2.0 MHz LO Drive = +12 dBm BB AC Voltage = 275mVp-p LO Drive = +12 dBm I/Q Power level = -7 dBm LO Drive = +12 dBm I/Q Power level = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm I/Q Power level = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm I/Q Power level = -7 dBm Units dBm Min -14 -14.5 32 Typ -13.3 -13.4 40 Max -
Rev. V4
LO Carrier Suppression SSB Rejection4
dBc
850-960 MHz
dBc
28
35
-
3 x 1 Harmonic Suppression 5 x 1 Harmonic Suppression ACPR CDMA 20005 Output Noise Floor LO Port Return Loss
850-960 MHz
dBc
48
58
-
850-960 MHz
dBc
74
83
-
900 MHz Carrier Freq 850-960 MHz 850-960 MHz
dBc dBm/Hz dB
72 20
74 -160 26
-
RF Port Return Loss
850-960 MHz
dB
6
9
-
IF Bandwidth
850 LO 970 MHz
MHz
65
-
-
4. When the LO frequency is greater than the RF frequency, the upper sideband is suppressed. 5. The Baseband I and Q input signals were generated using the following settings in the Agilent E3844C Vector Signal Generator: FWD CDMA2000 SR1 Pilot Filter: IS-95 Mod w/EQ Link: Forward IQ Mod Filter: Through PRE Clip: 100.0 %
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Modulator Band Performance 850-960 MHz
0 -10
Rev. V4
Carrier Suppression, SSB Rejection, 3rd Harmonic, 5th Harmonic (dBc)
-20 -30 -40 -50 -60 -70 -80 -90 -100 850 860 870 880 890 900 910 920 930 940 950 960
5th HARMONIC 3rd HARMONIC CARRIER SUPPRESSION SSB REJECTION
FREQUENCY (MHz)
Modulator/Demodulator Return Loss 850-960 MHz
0
-5
R Port
Return Loss (dB)
-10
-15
-20
L Port
-25
-30
-35 850 860 870 880 890 900 910 920 930 940 950 960
FREQUENCY (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Output Power 850-960 MHz
-10 -11 -12 -13 -14 -15 -16 -17 -18 850 860 870 880 890 900 910 920 930 940 950 960
Rev. V4
Output Power (dBm)
FREQUENCY (MHz)
Output Noise Floor
-100
Output Noise Floor (dBm/Hz)
-120
-140
Device Output Noise Contribution
-160
System Noise Floor -180 850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Rev. V4
Electrical Specifications (Demodulator) @ +25 C, Z0 = 50
Parameter Conversion Loss Frequency Range 900 MHz 850-960 MHz Test Conditions LO Drive = +12 dBm RF Input = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm RF Input = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm RF Input = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm RF Input = -7 dBm (each tone) Tone 1 is 10 MHz above LO Freq Tone 2 is 11 MHz above LO Freq LO Drive = +12 dBm FRF = FLO + 0.4 MHz 850 MHz LO 970 MHz FRF = FLO + FIF; 0 FIF 65 MHz LO Drive = +12 dBm RF Input = -7 dBm FRF = FLO + 0.4 MHz LO Drive = +12 dBm RF Power Level = -7 dBm FRF = FLO + 0.4 MHz Units dB Min Typ 12.0 12.5 Max 13 14
Amplitude Imbalance
850-960 MHz
dB
-
0.13
0.3
Phase Imbalance6 Input IP3
850-960 MHz
deg
-
1.9
4.0
850-960 MHz
dBm
27
28.4
-
Input 1dB Compression IF Bandwidth LO Return Loss
900 MHz 850-960 MHz 850-960 MHz
dBm MHz dB
10 65 20
11.2 26
-
RF Return Loss
850-960 MHz
dB
6
9
-
6. When the LO frequency is greater than the RF frequency, the "Q" output leads the "I" output by 90 degrees nominal.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Demodulator Conversion Loss 850-960 MHz
-8
Rev. V4
Demodulator Conversion Loss (dBm)
-9 -10 -11
PLO = 10dBm
-12 -13
PLO = 12dBm PLO = 14dBm
-14 -15 -16 850 860 870 880 890 900 910 920 930 940 950 960
FREQUENCY (MHz)
Demodulator Input IP3 and Input 1dB Compression 850-960 MHz
35
IIP3 @ 14dBm LO
IIP3 (dBm), Input 1dB Compression (dBm)
30
25
IIP3 @ 12dBm LO IIP3 @ 10dBm LO
20
15
Input 1dB Compression
10
5
0 850 860 870 880 890 900 910 920 930 940 950 960
FREQUENCY (MHz)
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAMO-00900-1291MT
I/Q Modulator/Demodulator 850-960 MHz
Demodulator Phase and Amplitude Imbalance 850-960 MHz
2.5 Phase Imbalance @ 12 dBm LO 0.25
Rev. V4
Phase Imbalance (Degrees)
2 Amplitude Imbalance @ 12 dBm LO 1.5
0.2
Amplitude Imbalance (dB)
0.15
1
Amplitude Imbalance @ 14 dBm LO
0.1
0.5 Phase Imbalance @ 14 dBm LO 0
0.05
0
850
860
870
880
890
900
910
920
930
940
950
960
FREQUENCY (MHz)
MAMO-000900-1291MT Outline - 6mm PQFN, 28-Lead
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAMO-000900-1291MB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X